PART |
Description |
Maker |
410-2329 410-2329-01-02-00 |
BRASS, NICKEL FINISH, WIRE TERMINAL Component Clip, .055 (1,40) Slot, Thread mount
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
BUZ22SMD BUZ22E3045A BUZ22E3046 |
Power MOSFET, 100V,D²PAK , RDSon=0.055 Ohm, 34A, NL Low Voltage MOSFETs - Power MOSFET, 100V,DPAK , RDSon=0.055 Ohm, 34A, NL N-Channel SIPMOS Power Transistor
|
Infineon
|
0510940805 51094-0805 |
Mi II?/a> D/R Clip, 8 circuit MOLEX Connector Mi II垄芒 D/R Clip, 8 circuit Mi II D/R Clip, 8 circuit
|
Molex Electronics Ltd.
|
MJ15001 MJ15002 ON1979 NH15002 |
15 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA From old datasheet system 15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
|
MOTOROLA INC Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
SFF50N20Z |
50 AMPS 200 VOLTS 0.055 OHM N-Channel POWER MOSFET 50 A, 200 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Solid State Devices, Inc.
|
SF0140BA03072S |
140 MHz Filter 16 MHz Bandwidth From old datasheet system 140 MHz Low Loss SAW Filters
|
Integrated Circuit Systems ICS
|
SF0140BA03073S |
140 MHz Low Loss SAW Filters From old datasheet system 140 MHz Filter 18 MHz Bandwidth
|
ICS Integrated Circuit Systems
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
03455102 03455106 03455104 03455107 03455105 03455 |
B>SADDLE CLIP 1/2"" B>SADDLE CLIP 1.1/2"" B>SADDLE CLIP 1"" B>SADDLE CLIP 2"" B>SADDLE CLIP 1.1/4"" B>SADDLE CLIP 3/4"" SADDLE CLIP 1"" “马鞍夹1”“
|
Thomas
|
2N7291R4 |
40 A, 100 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AE
|
HARRIS SEMICONDUCTOR
|
STS3DNF30L |
N-CHANNEL 30V - 0.055 OHM - 3.5A - S0-8 STRIPFET POWER MOSFET
|
ST Microelectronics
|